PART |
Description |
Maker |
STP5NK50Z STP5NK50ZFP STB5BK50Z-1 STB5NK50Z STD5NK |
N-CHANNEL500V-1.22ohm-4.4ATO-220/FP/DPAK/IPAK/I2PAK Zener-Protected SuperMESH?Power MOSFET N-CHANNEL500V-1.22ohm-4.4ATO-220/FP/DPAK/IPAK/I2PAK Zener-Protected SuperMESHPower MOSFET N-CHANNEL 500V - 1.22 OHM - 4.4A TO-220/TO-220FP/DPAK/IPAK/I2PAK ZENER-PROTECTED SUPERMESH POWER MOSFET N-CHANNEL500V-1.22ohm-4.4ATO-220/FP/DPAK/IPAK/I2PAK Zener-Protected SuperMESH⑩Power MOSFET In Line Fuse Holder; Body Material:Thermoset ; Leaded Process Compatible:Yes; Mounting Type:In Line; Voltage Rating:32V
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
STP5NK65Z STP5NK65ZFP |
N-CHANNEL 650V 1.5 OHM 5A TO-220 ZENER-PROTECTED SUPERMESH POWER MOSFET N-CHANNEL 650V 1.5 OHM 5A TO-220 ZENER-PROTECTED SUPERMESH POWER MOSFET JFET; Breakdown Voltage, V(br)gss:-25V; Zero Gate Voltage Drain Current Min, Idss:100mA; Gate-Source Cutoff Voltage Max, Vgs(off):-9V; Continuous Drain Current, Id:100mA; Current Rating:100mA; Gate-Source Breakdown Voltage:-25V RoHS Compliant: No N-CHANNEL 650V - 1.5ohm - 5A TO-220 Zener-Protected SuperMESHPower MOSFET N-CHANNEL 650V - 1.5ohm - 5A TO-220 Zener-Protected SuperMESH⑩Power MOSFET N-CHANNEL 650V - 1.5ohm - 5A TO-220 Zener-Protected SuperMESH?Power MOSFET
|
ST Microelectronics 意法半导 STMICROELECTRONICS[STMicroelectronics]
|
STB3NC90 STB3NC90Z |
N-CHANNEL 900V - 3.2W - 3.5A D2PAK Zener-Protected PowerMESH?III MOSFET N-CHANNEL 900V - 3.2W - 3.5A D2PAK Zener-Protected PowerMESHIII MOSFET N-CHANNEL 900V - 3.2W - 3.5A D2PAK Zener-Protected PowerMESH⑩III MOSFET
|
STMICROELECTRONICS[STMicroelectronics]
|
STB5NK50ZT4 STB5NK50Z-1 STP5NK50Z STP5NK50ZFP STD5 |
N-CHANNEL 500V - 1.22Ω - 4.4A TO-220/FP-D/IPAK-D2/I2PAK Zener-Protected SuperMESH?MOSFET N-CHANNEL 500V - 1.22惟 - 4.4A TO-220/FP-D/IPAK-D2/I2PAK Zener-Protected SuperMESH?⑼OSFET N-CHANNEL 500V - 1.22ヘ - 4.4A TO-220/FP-D/IPAK-D2/I2PAK Zener-Protected SuperMESH⑩MOSFET
|
STMicroelectronics
|
STB6NK90Z STB6NK90ZT4 STP6NK90ZFP STP6NK90Z STW7NK |
N-channel 900V - 1.56Ω - 5.8A - TO-220/TO-220FP/D2PAK/TO-247 Zener-protected SuperMESH?Power MOSFET N-CHANNEL 900V - 1.56ohm - 5.8A TO-220/TO-220FP/D2PAK Zener-Protected SuperMESH⑩Power MOSFET N沟道900V - 1.56ohm - 5.8A TO-220/TO-220FP/D2PAK齐保护的SuperMESH⑩功率MOSFET N-CHANNEL 900V 1.56 OHM 5.8A TO-220/TO-220FP D2PAK ZENER-PROTECTED SUPERMESH POWER MOSFET N-CHANNEL 900V - 1.56ohm - 5.8A TO-220/TO-220FP/D2PAK Zener-Protected SuperMESHPower MOSFET N-channel 900V - 1.56Ω - 5.8A - TO-220/TO-220FP/D2PAK/TO-247 Zener-protected SuperMESH Power MOSFET N-channel 900V - 1.56Ω - 5.8A - TO-220/TO-220FP/D2PAK/TO-247 Zener-protected SuperMESH?/a> Power MOSFET N-channel 900V - 1.56ヘ - 5.8A - TO-220/TO-220FP/D2PAK/TO-247 Zener-protected SuperMESH⑩ Power MOSFET
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics]
|
STP4NC80Z STB4NC80ZT4 STB4NC80Z-1 STB4NC80Z STP4NC |
N-CHANNEL 800V 2.4 OHM 4A TO-220 TO-220FP D2PAK I2PAK ZENER PROTECTED POWERMESH III MOSFET N沟道800V.4欧姆4A条到22020FP采用D2PAK I2PAK稳压第三MOSFET的保护POWERMESH N-CHANNEL 800V - 2.4ohm - 4A TO-220/FP/D2PAK/I2PAK Zener-Protected PowerMESH⑩III MOSFET N沟道800V 2.4ohm - 4A条TO-220/FP/D2PAK/I2PAK齐保护的PowerMESH⑩三MOSFET N-CHANNEL 800V - 2.4ohm - 4A TO-220/FP/D2PAK/I2PAK Zener-Protected PowerMESHIII MOSFET N-CHANNEL 800V - 2.4ohm - 4A TO-220/FP/D2PAK/I2PAK Zener-Protected PowerMESH?III MOSFET
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics]
|
STP5NK60Z STP5NK60ZFP STD5NK60ZT4 STD5NK60Z STP5NK |
N-CHANNEL 600V - 1.2 OHM - 5A TO-220/TO-220FP/DPAK ZENER-PROTECTED SUPERMESH POWER MOSFET N-CHANNEL 600V - 1.2W - 5A TO-220/TO-220FP/DPAK Zener-Protected SuperMESH⑩Power MOSFET N-CHANNEL 600V - 1.2 OHM - 5A TO-220/TO-220FP/DPAK ZENER-PROTECTED SUPERMESH POWER MOSFET N-CHANNEL 600V - 1.2ohm - 5A TO-220/TO-220FP/DPAK Zener-Protected SuperMESHPower MOSFET N-CHANNEL 600V - 1.2W - 5A TO-220/TO-220FP/DPAK Zener-Protected SuperMESH?⑿ower MOSFET N-CHANNEL 600V - 1.2W - 5A TO-220/TO-220FP/DPAK Zener-Protected SuperMESH?Power MOSFET
|
ST Microelectronics STMicroelectronics
|
STE70NM60 9410 |
N-CHANNEL 600V - 0.050W - 70A ISOTOP Zener-Protected MDmesh Power MOSFET N-CHANNEL 600V - 0.050 OHM - 70A ISOTOP ZENER-PROTECTED MDMESH POWERMOSFET From old datasheet system
|
STMicroelectronics
|
STD3NK80Z STF3NK80Z STP3NK80Z STD3NK80Z-1 STD3NK80 |
N-CHANNEL 800V - 3.8W - 2.5A TO-220/FP/DPAK/IPAK Zener-Protected SuperMESHPower MOSFET N沟道800V 3.8W -.5a TO-220/FP/DPAK/IPAK齐保护的SuperMESH⑩功率MOSFET N-CHANNEL 800V - 3.8W - 2.5A TO-220/FP/DPAK/IPAK Zener-Protected SuperMESH⑩ Power MOSFET N-CHANNEL 800V - 3.8W - 2.5A TO-220/FP/DPAK/IPAK Zener-Protected SuperMESH Power MOSFET N-CHANNEL 800V - 3.8W - 2.5A TO-220/FP/DPAK/IPAK Zener-Protected SuperMESH?/a> Power MOSFET N-CHANNEL 800V - 3.8 OHM - 2.5A TO-220/FP/DPAK/IPAK ZENER-PROTECTED SUPERMESH POWER MOSFET
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
STW11NK100Z |
N-CHANNEL 1000V 1.1 OHM 8.3A TO-247 ZENER-PROTECTED SUPERMESH POWER MOSFET N-CHANNEL 1000V - 1.1W - 8.3A TO-247 Zener-Protected SuperMESH⑩Power MOSFET
|
ST Microelectronics STMicroelectronics
|
STD2HNK60Z STD2HNK60Z-1 STQ2HNK60ZR-AP STF2HNK60Z |
0.5 A, 600 V, 4.8 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-92 TO-92, 3 PIN N-channel 600V - 4.4楼? - 2A - TO-92/TO-220FP/DPAK/IPAK Zener-protected SuperMESH垄芒 Power MOSFET N-channel 600V - 4.4Ω - 2A - TO-92/TO-220FP/DPAK/IPAK Zener-protected SuperMESH?/a> Power MOSFET N-channel 600V - 4.4Ω - 2A - TO-92/TO-220FP/DPAK/IPAK Zener-protected SuperMESH Power MOSFET N-channel 600V - 4.4ヘ - 2A - TO-92/TO-220FP/DPAK/IPAK Zener-protected SuperMESH⑩ Power MOSFET
|
ST Microelectronics STMicroelectronics
|